PART |
Description |
Maker |
6F80 12F 12F10 12F100 12F100B 12F10B 12F120 12F120 |
V(rrm): 1200V; 12A diffused silicon rectifier diode. For general pusposes: for battery chargers, converters, power supplies, machine tool controls 6,12 and 16 Amp Diffused Silicon Rectifier Diodes
|
IRF[International Rectifier]
|
U1GU44 |
SUPER FAST RECOVERY RECTIFIER SILICON DIFFUSED TYPE SWITCHING MODE POWER SUPPLY APPLICATIONS TOSHIBA SUPER FAST RECOVERY RECTIFIER SILICON DIFFUSED TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
S3902 S3903 S3903-1024Q S3903-512Q |
MOSFET, Switching; VDSS (V): 400; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V MOSFET, Switching; VDSS (V): 450; ID (A): 14; Pch : -; RDS (ON) typ. (ohm) @10V: 0.43; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption MOSFET, Switching; VDSS (V): 450; ID (A): 22; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: -; Package: TO-3P
|
Hamamatsu Photonics
|
S7686 |
MOSFET, Switching; VDSS (V): -60; ID (A): -5; Pch : 20; RDS (ON) typ. (ohm) @10V: 0.14; RDS (ON) typ. (ohm) @4V[4.5V]: 0.2; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: -; toff (µs) typ: 10.8; Package: DPAK (L)- (2)
|
Hamamatsu Photonics
|
1GU42 |
RECTIFIER SILICON DIFFUSED TYPE HIGH SPEED RECTIFIER APPLICATIONS (FAST RECOVERY)
|
TOSHIBA
|
SM12CXC220 SM34CXC614 SM36CXC604 SM38CXC624 SM38CX |
860 A, 1200 V, SILICON, RECTIFIER DIODE 1160 A, 3400 V, SILICON, RECTIFIER DIODE 1010 A, 3600 V, SILICON, RECTIFIER DIODE 1106 A, 3800 V, SILICON, RECTIFIER DIODE 2640 A, 3800 V, SILICON, RECTIFIER DIODE 1106 A, 3400 V, SILICON, RECTIFIER DIODE 435 A, 1500 V, SILICON, RECTIFIER DIODE 440 A, 600 V, SILICON, RECTIFIER DIODE 1160 A, 3800 V, SILICON, RECTIFIER DIODE 1160 A, 4200 V, SILICON, RECTIFIER DIODE 940 A, 800 V, SILICON, RECTIFIER DIODE 940 A, 1800 V, SILICON, RECTIFIER DIODE 940 A, 400 V, SILICON, RECTIFIER DIODE 940 A, 1000 V, SILICON, RECTIFIER DIODE 940 A, 600 V, SILICON, RECTIFIER DIODE 940 A, 1600 V, SILICON, RECTIFIER DIODE 1106 A, 4000 V, SILICON, RECTIFIER DIODE 310 A, 2600 V, SILICON, RECTIFIER DIODE 370 A, 2600 V, SILICON, RECTIFIER DIODE 2700 A, 2600 V, SILICON, RECTIFIER DIODE 860 A, 1400 V, SILICON, RECTIFIER DIODE 440 A, 400 V, SILICON, RECTIFIER DIODE 440 A, 800 V, SILICON, RECTIFIER DIODE 435 A, 1600 V, SILICON, RECTIFIER DIODE 435 A, 1800 V, SILICON, RECTIFIER DIODE 527 A, 3200 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
05J4B48 05B4B48 05G4B48 05J.B48 |
Silicon Diffused Type Rectifier Stack
|
GOOD-ARK[GOOD-ARK Electronics]
|
5THZ52 |
RECTIFIER SILICON DIFFUSED TYPE HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV (DAMPER-diode) rectifier diode
|
TOSHIBA N/A
|
021-3220 021-4510 021-4520 021-2220 042-3300 021-4 |
KNOB BLACK KNOB GREY ZIFFERNSCHEIBE TYP 3 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 0 KNOPFDM 14.5 PFEILSCHEIBE DM36.0 SCHWARZ ZIFFERNSCHEIBE TYP 1 KNOPFDM 36.0 ZIFFERNSCHEIBE TYP 2 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 1 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 9 KNOPFDM 14.5 ZIFFERNSCHEIBE典型9 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 8 KNOPFDM 21.0 ZIFFERNSCHEIBE典型8 KNOPFDM 21.0
|
EPCOS AG
|
2N2323 JANTX2N2323 JANTX2N2323A JANTX2N2323AS JANT |
SILICON CONTROLLED RECTIFIER SILICON CONTROLLED RECTIFIER 0.3454 A, 200 V, SCR, TO-5 SILICON CONTROLLED RECTIFIER 1.6 A, 200 V, SCR, TO-205AD LED RED DIFFUSED 1.8X3.5MM RECT SCR, TO-39
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
05B4B48 |
Silicon Diffused Type Rectifier Stack 硅扩散型整流器堆
|
Cooper Power Tools / Utica
|
U05GU4B48 |
SILICON DIFFUSED JUNCTION TYPE RECTIFIER STACK
|
GOOD-ARK[GOOD-ARK Electronics]
|
|